ATS-10F-36-C2-R0
AI

The **ATS-10F-36-C2-R0** is a specific electronic component known as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 14.82°C/W (at 100 LFM) |
| **Overall Dimensions** | 36.83mm x 36.83mm |
| **Height** | 15.00mm |
---
## 2. Key Electronic Features
### A. Material & Efficiency
The heat sink is made of **Aluminum 6063**, which is the industry standard for heat dissipation due to its excellent thermal conductivity and lightweight properties. The **Blue Anodized** finish isn't just aesthetic; it provides a protective layer against corrosion and slightly increases emissivity.
### B. Fin Design
This model utilizes **Straight Fins**.
* **Purpose:** Optimized for high-velocity air cooling environments.
* **Airflow:** The spacing between the fins is designed to minimize pressure drop while maximizing the surface area exposed to the air.
### C. Mounting Mechanism (Push-Pin)
Unlike adhesive-based heat sinks, the "push-pin" system uses pre-drilled holes in the PCB.
* **Pressure:** Uses a brass or plastic pin with a stainless steel spring.
* **Stability:** This provides consistent pressure between the heat sink and the electronic component, which is vital for maintaining a good thermal interface.
---
## 3. Physical Layout (Dimensions)
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (L)** | 36.83 |
| **Width (W)** | 36.83 |
| **Height (H)** | 15.00 |
| **Pitch (P)** | 40.00 (distance between pins) |
---
## 4. Typical Applications
This component is generally found in:
1. **Networking Hardware:** Routers and switches where ASICs require cooling.
2. **Power Supplies:** Cooling voltage regulators or MOSFETs.
3. **Embedded Systems:** Industrial PCs or IoT gateways.
- ⤷
What is the difference between straight fin and cross-cut heat sink designs?
- ⤷ How do I calculate the thermal resistance needed for my specific PCB component?
- ⤷ What type of thermal interface material (TIM) is recommended for this heat sink?