ATS-10F-33-C2-R0
AI

The **ATS-10F-33-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions** | 35.00mm x 35.00mm |
| **Height** | 15.00mm |
| **Fin Style** | Straight Fin (provides low pressure drop) |
| **Thermal Resistance** | ~17.42 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Component Breakdown
The part consists of three primary electronic/mechanical sub-elements:
#### A. The Heat Sink Body
Manufactured from lightweight aluminum, the body uses a **Straight Fin** design. This is ideal for systems where airflow is consistent, allowing air to pass through the fins easily to carry away heat from the semiconductor package.
#### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or fragile clips, this part uses **brass push-pins** with a built-in compression spring.
* **Purpose:** Ensures a consistent "pressure-fit" against the electronic chip.
* **Reliability:** Prevents the heat sink from shifting during mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **ATS-91** thermal interface material.
* **Function:** This is a high-performance phase-change material or thermal grease that fills microscopic air gaps between the chip surface and the heat sink base to maximize heat transfer.
---
### 3. Usage Scenarios
This component is typically found in the following electronic environments:
1. **Telecommunications:** Cooling signal processing units in routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
3. **Prototyping:** Used on development boards where frequent assembly/disassembly might occur due to the reusable nature of push-pins.
---
### 4. Thermal Performance Comparison
*Under different airflow conditions (LFM = Linear Feet per Minute):*
```text
Airflow Rate (LFM) | Thermal Resistance (°C/W)
-----------------------------------------------
100 (0.5 m/s) | 17.42
300 (1.5 m/s) | 5.92
500 (2.5 m/s) | 4.22
```
- ⤷
How do I determine the correct hole pattern for the push-pin installation?
- ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ Can the pre-applied thermal interface material be replaced with a different brand?