ATS-10F-31-C2-R0
AI

The **ATS-10F-31-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling electronic integrated circuits (ICs).
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-10F-31-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Dimensions (L x W)** | 57.9mm x 36.83mm |
| **Height** | 6.00mm |
| **Thermal Resistance** | 25.25°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the cooling characteristics:
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **10F:** Series identifier for the specific fin geometry and spacing.
* **31:** Size/Dimension code for the base footprint.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision or packaging identifier.
---
### 3. Key Electronic Functions & Components
This part is not an active electronic component (like a transistor) but a **passive thermal component** essential for the longevity of active electronics.
#### A. Heat Dissipation Mechanism
The heat sink uses **convection** to transfer heat from a high-power component (like a CPU, GPU, or FPGA) to the surrounding air. The "10F" series features a high-density fin structure to maximize surface area within a low-profile 6mm height.
#### B. Attachment System (Push Pins)
Instead of using adhesive tape or screws, this part uses a **spring-loaded push pin mechanism**.
* **Benefits:** Provides consistent pressure on the chip, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Mounting:** Requires pre-drilled holes in the Printed Circuit Board (PCB).
#### C. Thermal Interface Material (T766)
The "C2" variant usually comes with **T766** pre-applied to the base. This is a phase-change material or high-performance pad that fills microscopic air gaps between the chip surface and the heat sink base to lower thermal impedance.
---
### 4. Application Use-Cases
* **Network Switches/Routers:** Cooling high-speed processors in slim rack-mount enclosures.
* **Embedded Systems:** Used where vertical space is limited (only 6mm high).
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the 6mm height impact the airflow requirements compared to taller heat sinks?
- ⤷ What is the difference between the T766 and T412 thermal interface materials used in this series?