ATS-10F-181-C2-R0
AI

The **ATS-10F-181-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Series** | pushPIN™ Heat Sink |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 11.95°C/W (at 100 LFM) to 2.30°C/W (at 700 LFM) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | XCUT (Cross-cut) |
| **Dimensions** | 40mm x 40mm x 10mm |
---
## 2. Component Breakdown
### A. Material and Coating
The unit is made from **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The "C2" suffix indicates a **Blue Anodized** finish. This coating not only provides corrosion resistance but also improves emissivity for better radiant heat transfer.
### B. XCUT Fin Design
This model uses a cross-cut (XCUT) fin pattern. This design is highly efficient for:
* **Omnidirectional Airflow:** It works effectively regardless of which direction the fan or air intake is blowing.
* **Turbulence:** The gaps between fins break up laminar air flow, increasing heat transfer efficiency.
### C. Mounting Mechanism (pushPIN™)
The "10F" and "R0" designations relate to the mounting hardware.
* **Push-Pins:** This part uses a spring-loaded push-pin system. This ensures consistent pressure (clamping force) on the electronic chip, which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM).
* **Springs:** Usually stainless steel or brass, providing durability under high-vibration environments.
---
## 3. Thermal Performance
The efficiency of this part depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Convection) | 11.95 |
| 300 | 4.40 |
| 500 | 3.11 |
| 700 | 2.30 |
---
## 4. Typical Applications
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
* **Embedded Systems:** Industrial PCs where space is limited (10mm low profile).
* **Networking:** Cooling ASICs in routers and switches.
- ⤷
What is the difference between XCUT and Straight Fin designs in heat sinks?
- ⤷ How do I calculate if the 11.95°C/W resistance is sufficient for my component?
- ⤷ Are there different spring tensions available for the pushPIN mounting system?