ATS-10F-15-C2-R0
AI

The **ATS-10F-15-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the device:
| Property | Description / Value |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded attachment) |
| **Thermal Resistance (Flow)** | 7.44 °C/W @ 100 LFM (Linear Feet per Minute) |
| **Thermal Resistance (Static)** | 1.45 °C/W @ 500 LFM |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 25mm |
| **Pitch** | Fine Pitch |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific configuration of the part:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **10**: Part of the product family.
* **F**: Fin pitch/pattern (Fine pitch design).
* **15**: Height of the heat sink (usually in mm or a specific series code).
* **C2**: Material and Finish code (typically Aluminum with Blue Anodize).
* **R0**: Revision or packaging indicator.
---
### 3. Key Electronic/Mechanical Features
#### A. Fin Design
This part utilizes a **Fine Pitch** fin geometry. This increases the surface area available for heat dissipation, making it ideal for systems with high-speed airflow where thermal density is a concern.
#### B. pushPIN™ Attachment
Instead of using messy thermal adhesives or complex screws, this part uses the pushPIN™ system:
* **Spring Mechanism:** Provides precise pressure (Force) to ensure optimal contact with the thermal interface material (TIM).
* **Ease of Assembly:** Features a flexible attachment kit that simplifies installation on the PCB.
#### C. Thermal Interface Material (TIM)
The "C2" series often comes pre-applied with high-performance thermal grease or phase-change material, ensuring that the air gaps between the component (CPU/GPU) and the heat sink are minimized.
---
### 4. Typical Applications
* **Telecommunications:** Cooling of networking switches and routers.
* **Embedded Systems:** Thermal management for high-performance microcontrollers.
* **Power Supplies:** Dissipating heat from power transistors (MOSFETs/IGBTs).
- ⤷
What are the specific mounting hole requirements for the pushPIN™ system?
- ⤷ How does the 'Fine Pitch' fin design compare to 'Ultra Fine' or 'Coarse' designs?
- ⤷ What is the maximum operating temperature for the Blue Anodized finish?