ATS-10F-142-C2-R0
AI

The **ATS-10F-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as BGA (Ball Grid Array) chips, CPUs, and GPUs in space-constrained environments.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Part Number** | ATS-10F-142-C2-R0 |
| **Heat Sink Type** | Push-Pin (Passive Cooling) |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push-Pin with Springs |
| **Thermal Interface** | Pre-applied Phase Change Material (T766) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and ensuring clearance from surrounding components.
| Dimension | Value |
| :--- | :--- |
| **Length** | 30.00 mm |
| **Width** | 30.00 mm |
| **Height** | 15.00 mm |
| **Fin Pitch** | Fine |
---
### 3. Key Features & Components
#### A. Push-Pin Mounting System
This model uses a **brass push-pin** mechanism.
* **Springs:** Provides consistent pressure to ensure the base of the heat sink remains in perfect contact with the electronic component.
* **Stability:** It is more secure than adhesive "peel-and-stick" solutions, making it ideal for high-vibration environments.
#### B. Cross-Cut Fin Design
The fins are designed in a grid-like "cross-cut" pattern. This increases the total surface area and allows for **omni-directional airflow**, meaning the cooling efficiency is maintained regardless of which direction the air is blowing from a system fan.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates a high-performance thermal interface material is pre-applied. In this case, it typically uses **T766**, which fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
---
### 4. Thermal Performance
The efficiency of this heat sink depends on the airflow velocity (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.72 |
| **400 (2.0 m/s)** | 2.96 |
| **600 (3.0 m/s)** | 2.49 |
---
### Summary
The **ATS-10F-142-C2-R0** is a professional-grade cooling solution for 30mm x 30mm electronic packages. It is highly valued for its mechanical reliability (push-pins) and its ability to handle significant thermal loads in a compact 15mm vertical profile.
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How does 'omni-directional' airflow benefit a PCB layout?
- ⤷ What are the specific hole diameter requirements for the push-pins on this model?