ATS-10F-141-C2-R0
AI

The **ATS-10F-141-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 10mm |
| **Thermal Resistance** | 15.70°C/W (at 100 LFM) |
| **Airflow Pattern** | Straight Fin |
---
### 2. Physical Design and Features
* **Heat Sink Profile:** It features a **Straight Fin** design. This is optimized for systems with a clear, directed airflow (longitudinal), allowing air to pass through the channels efficiently.
* **Material:** Made from aluminum for a balance of lightweight properties and high thermal conductivity. The **Blue Anodized** coating protects against corrosion and increases emissivity.
* **Attachment (pushPIN™):** Unlike adhesive-based heat sinks, this uses a mechanical "push-pin" system. This provides consistent pressure for better thermal contact and makes the part reusable or easy to replace.
---
### 3. Thermal Performance Data
Thermal resistance indicates how effectively the part moves heat away from the silicon. Lower values represent better performance.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.70 |
| 300 (1.5 m/s) | 9.20 |
| 500 (2.5 m/s) | 7.50 |
| 700 (3.5 m/s) | 6.50 |
---
### 4. Part Number Breakdown: `ATS-10F-141-C2-R0`
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **10:** Series/Style designation.
* **F:** Fine pitch or specific fin density.
* **141:** Specific geometry/footprint code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
---
### 5. Common Applications
* **Embedded Systems:** Compact PCBs with high-density processing.
* **Telecommunications:** Networking gear (routers/switches).
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
- ⤷
What are the advantages of pushPIN™ attachment over thermal adhesive?
- ⤷ How do I calculate if this heat sink is sufficient for my component's TDP?
- ⤷ Does this model come with a pre-applied Thermal Interface Material (TIM)?