ATS-10F-13-C2-R0
AI

The **ATS-10F-13-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 30.0mm |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 13.70 °C/W (Unducted Flow @ 100 LFM) |
| **Fin Type** | Fine Pitch (Cross-cut) |
---
### Key Features and Component Breakdown
#### 1. Heat Sink Design (Cross-Cut Fins)
The "Fine Pitch" cross-cut pattern increases the surface area available for heat transfer. This design is optimized for environments with high-velocity airflow (ducted or unducted), allowing air to pass through multiple directions.
#### 2. pushPIN™ Attachment Mechanism
Unlike adhesive tapes that can fail over time, the **pushPIN™** system uses:
* **Compression Springs:** Provide precise pressure to the interface.
* **Plastic or Brass Pegs:** Secure the sink to pre-drilled holes in the PCB.
* **Reliability:** Ensures a consistent thermal interface material (TIM) contact.
#### 3. Material and Finish
* **AL6063 Aluminum:** Chosen for its excellent balance of thermal conductivity and weight.
* **Blue Anodized Coating:** Provides corrosion resistance and increases emissivity for better radiant heat transfer.
#### 4. Thermal Interface Material (TIM)
The part usually comes pre-applied with **T766** thermal grease or a similar phase-change material. This fills the microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance.
---
### Use Cases
* **BGA (Ball Grid Array) Cooling:** Primarily used for small processors and chipsets.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
* **Networking Equipment:** Used in routers and switches where constant operation generates high heat.
- ⤷
What are the alternative attachment methods for heat sinks if pushPIN holes aren't available on the PCB?
- ⤷ How does the 30.0mm height affect the thermal resistance compared to shorter models?
- ⤷ Is the T766 thermal interface material suitable for high-vibration environments?