ATS-10F-124-C2-R0
AI

The **ATS-10F-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
### Technical Specifications
| Parameter | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W)** | 50mm x 50mm |
| **Height (Height off base)** | 25mm |
| **Fin Style** | Fine Pitch (XC-Cut) |
| **Thermal Resistance** | 3.28°C/W (at 100 LFM) |
---
### Key Features and Design
#### 1. Material and Coating
The unit is constructed from high-grade aluminum, which offers an excellent balance between weight and thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly improves radiative heat transfer.
#### 2. Fine-Pitch Fin Design
The "XC-Cut" or fine-pitch fin geometry maximizes the surface area within a compact 50mm x 50mm footprint. This design is optimized for environments where there is forced air cooling (fans), as it allows for efficient airflow through the fins.
#### 3. Attachment Mechanism: pushPIN™
This specific model uses a **pushPIN™** system. This consists of:
* **Brass or Plastic Pins:** To secure the sink to the PCB.
* **Compression Springs:** These ensure consistent and precise pressure is applied to the electronic component, which is critical for the effectiveness of the Thermal Interface Material (TIM).
#### 4. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the heat sink comes with a pre-applied **Phase Change Material** or high-performance thermal pad. This fills microscopic air gaps between the component and the heat sink base to lower thermal resistance.
---
### Application Usage
This part is commonly found in:
* **Networking Equipment:** Routers and switches with high-speed processing chips.
* **Industrial PCs:** Compact systems requiring reliable passive or active cooling.
* **Power Supplies:** Cooling MOSFETs or voltage regulators that generate significant heat during operation.
- ⤷
What are the benefits of using a push-pin attachment over adhesive thermal tape?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of this heat sink?
- ⤷ Are there alternative fin designs for natural convection environments?