ATS-10F-101-C3-R0
AI

The **ATS-10F-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the *pushPIN™* series, designed for precision cooling of integrated circuits (ICs) and surface-mount components.
---
### 1. Technical Specifications
The part is defined by its physical dimensions, material composition, and thermal performance characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Type** | Board Level Heat Sink |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 30.00mm |
| **Fin Type** | Straight / Square |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~6.70°C/W (at 100 LFM) |
---
### 2. Component Breakdown
#### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which is the industry standard for heat sinks due to its high thermal conductivity and structural integrity. The "Blue Anodized" finish is not just aesthetic; it provides surface protection against corrosion and increases surface emissivity, which slightly improves radiation heat transfer.
#### B. The pushPIN™ Attachment System
This specific model uses a specialized attachment mechanism rather than thermal adhesive or screws:
* **Compression Springs:** These provide a precise "push" force to ensure constant contact with the heat source.
* **Plastic/Brass Pins:** These lock into pre-drilled holes on the Printed Circuit Board (PCB).
* **Benefits:** This system allows for easy installation, consistent thermal interface pressure, and easy removal for maintenance.
#### C. Thermal Interface Material (TIM)
The **"C3"** in the part number indicates the type of Thermal Interface Material pre-applied to the base:
* It typically features a high-performance thermal pad or phase-change material to bridge the microscopic air gaps between the component (CPU/GPU) and the heat sink.
---
### 3. Application Use Cases
This part is typically used in environments where electronic components generate significant heat in a compact space:
* **Networking Hardware:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and power modules.
* **Telecommunications:** Base station signal processing units.
---
### 4. Part Number Breakdown (Nomenclature)
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **10F:** Series/Family designator
* **101:** Specific fin geometry and physical size code
* **C3:** Specific Thermal Interface Material (TIM) type
* **R0:** Revision or RoHS compliance status
- ⤷
What is the significance of the 30mm height in terms of airflow and enclosure constraints?
- ⤷ How does the 'Blue Anodized' finish compare to 'Black Anodized' in thermal performance?
- ⤷ Can this heat sink be reused if moved to a different PCB?