ATS-10D-77-C2-R0
AI

The **ATS-10D-77-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It belongs to the "push-pin" series designed for securing the cooler directly to a Printed Circuit Board (PCB).
---
## 1. Technical Specifications
The following table highlights the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Base Part Number** | ATS-10D-77-C2-R0 |
| **Heat Sink Type** | Push-pin (Straight Fin) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 20mm |
| **Thermal Resistance** | 9.30°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
---
## 2. Key Electronic Components & Design
### A. Fin Profile (Straight Fin)
This model uses a **Straight Fin** design. In electronics, this is ideal for applications where the airflow is predictable and unidirectional. The fins increase the surface area available to dissipate heat from the underlying semiconductor (such as a BGA chip or FPGA).
### B. Attachment Mechanism: Push-Pins
Unlike adhesive-based heat sinks, the "77" series uses **brass push-pins** with a compression spring.
* **Reliability:** Provides constant pressure on the electronic component to ensure maximum heat transfer.
* **Durability:** Unlike thermal tape, push-pins do not degrade over time due to heat cycles.
### C. Thermal Interface Material (T766)
The "C2" suffix indicates the use of **T766 thermal phase-change material**.
* This material fills the microscopic air gaps between the heat sink and the electronic chip.
* It improves the efficiency of heat conduction from the silicon die to the aluminum fins.
---
## 3. Application Use Cases
This specific part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling for high-speed routers and switches.
2. **Embedded Systems:** Small form-factor industrial PCs.
3. **Power Electronics:** Voltage regulators or power converters that generate localized heat on the PCB.
---
- ⤷
What are the advantages of push-pin mounting over thermal adhesive?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ What is the specific thermal conductivity of the T766 interface material?