ATS-10D-76-C2-R0
AI

The **ATS-10D-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, designed for cooling integrated circuits (ICs) and other surface-mount components.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Part Number** | ATS-10D-76-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (Length x Width)** | 25mm x 25mm |
| **Height (Off Base)** | 10mm |
| **Thermal Resistance** | ~27.3°C/W (Natural Convection) |
| **Number of Fins** | Specialized Straight Fin Design |
---
### 2. Key Component Features
* **pushPIN™ Attachment:** This model uses a specialized push-pin mechanism with a high-performance spring. This ensures consistent pressure on the processor, improving heat transfer and making installation repeatable without risking PCB damage.
* **Thermal Interface Material (TIM):** The "C2" suffix typically indicates that the heat sink comes pre-applied with **ATS-T766** high-performance thermal grease, which fills microscopic air gaps between the component and the heat sink.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly increases surface emissivity, aiding in heat radiation.
* **Compact Footprint:** At 25mm x 25mm, it is designed for small-form-factor electronics where board space is at a premium.
---
### 3. Electronic Applications
The ATS-10D-76-C2-R0 is commonly used to cool the following electronic parts:
1. **Microprocessors (CPUs):** Low-power embedded processors.
2. **FPGAs/ASICs:** Field Programmable Gate Arrays that generate localized heat.
3. **Video Controllers:** Small graphics or display driving chips.
4. **Power Converters:** High-density DC-DC converter modules.
---
### 4. Thermal Performance Context
Thermal resistance is air-flow dependent. While it performs at ~27.3°C/W in still air, its efficiency increases significantly with forced convection (fans):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | ~11.5 |
| 400 (2.0 m/s) | ~8.4 |
| 600 (3.0 m/s) | ~6.9 |
- ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
- ⤷ How do I calculate the junction temperature using the thermal resistance values provided?
- ⤷ Are there taller versions of the ATS-76 series available for better cooling?