ATS-10D-63-C2-R0
AI

The **ATS-10D-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **blueICE™** series and is designed for cooling high-heat-generating components like CPUs, GPUs, or high-power ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10D-63-C2-R0 |
| **Heat Sink Type** | Push-Pin (BGA) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 20mm |
| **Attachment Method** | Push-pin with a compression spring |
| **Thermal Resistance** | ~2.85 °C/W (at 200 LFM) |
| **Thermal Interface Material** | T766 (High performance) |
---
### 2. Core Electronic Components
#### A. The Heat Sink Body (Passive Cooling)
The body is made of **AL6063 aluminum**, chosen for its excellent thermal conductivity and lightweight properties. The "fins" increase the surface area, allowing heat to transfer from the electronic component to the surrounding air more efficiently.
#### B. Push-Pin Attachment Mechanism
Unlike adhesive-based heat sinks, this model uses a mechanical **Push-Pin** system.
* **Purpose:** Provides consistent pressure across the surface of the chip.
* **Benefit:** Ensures maximum contact and reduces the risk of the heat sink detaching due to vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes pre-applied with **T766 phase-change material**.
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Importance:** Air is a poor conductor; the TIM ensures a low-resistance thermal path.
---
### 3. Application Use Cases
This part is typically found in:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **High-Speed Computing:** Cooling of chipsets and voltage regulator modules (VRMs).
---
### 4. Thermal Performance Comparison (Calculated)
Heat sinks are measured by how much they resist heat flow (lower is better).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM | 2.85 |
| 400 LFM | 1.47 |
| 600 LFM | 1.12 |
- ⤷
How does the push-pin attachment compare to adhesive thermal tape?
- ⤷ What are the advantages of blue anodizing on a heat sink?
- ⤷ Can this heat sink be used with a cooling fan for active cooling?