ATS-10D-101-C3-R0
AI

The **ATS-10D-101-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~6.75°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Straight Fin)
The "D" in the part number indicates a **straight-fin** design. This is ideal for systems with consistent, unidirectional airflow. The fins increase the surface area available for heat dissipation.
### B. Push-Pin Attachment
The unit utilizes a mechanical attachment system rather than adhesive tape.
* **Plastic Push-Pins:** These provide a secure, vibration-resistant mount.
* **Compression Springs:** They ensure consistent pressure (Normal Force) between the heat sink base and the chip, which is critical for efficient heat transfer.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-performance thermal grease. This eliminates the need for manual application and ensures that microscopic air gaps between the component and the heat sink are filled.
---
## 3. Physical Dimensions Breakdown
Below is a representation of the spatial footprint of this component:
```text
45.00mm (Width)
___________________
| |
| [ Fins Area ] | 45.00mm (Length)
| |
|___________________|
Height: 30.00mm (Vertical clearance required)
```
---
## 4. Application Use-Cases
This specific heat sink is typically used for:
* **BGA (Ball Grid Array) Components:** High-heat processors.
* **Telecommunications Equipment:** Networking switches and routers.
* **Industrial Power Supplies:** Where mechanical stability (vibration resistance) is required.
---
- ⤷What is the difference between straight-fin and cross-cut heat sinks?
- ⤷ How do I calculate the correct hole diameter for the push-pin mounting?
- ⤷ Can the T766 thermal interface be replaced with a different material?