công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-10B-80-C2-R0

  • AI
    The **ATS-10B-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling high-power electronic components such as CPUs, GPUs, and ASICs. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Heat Sink | | **Thermal Resistance** | 2.12 °C/W (at 200 LFM) | | **Material** | Aluminum (Black Anodized) | | **Dimensions (L x W x H)** | 57.0 x 61.0 x 15.0 mm | | **Attachment Method** | pushPIN™ (Brass Pins) | | **Thermal Interface Material** | T766 (Pre-applied) | --- ## 2. Key Electronic & Physical Characteristics ### A. maxiFLOW™ Design The "maxiFLOW" design features a flared fin structure. In electronics, this is critical because it maximizes the surface area for heat dissipation while maintaining a low pressure drop. This allows for higher airflow efficiency even in densely packed PCB environments. ### B. Thermal Interface Material (TIM) The part comes with **T766** pre-applied. * **Function:** It fills the microscopic air gaps between the electronic component (die/case) and the heat sink base. * **Benefit:** Reduces contact resistance, ensuring the heat generated by the semiconductor is efficiently transferred to the aluminum fins. ### C. pushPIN™ Attachment System Instead of simple adhesive, this model uses a mechanical **pushPIN™** system. * **Spring-loaded mechanism:** Provides a precise and consistent pressure (load) on the electronic component. * **Reliability:** Ensures the heat sink does not shift during thermal expansion or vibration, which is a common failure point in high-performance electronics. --- ## 3. Application Use Cases This specific part is typically found in: * **Telecommunications:** Cooling of high-speed networking chips. * **Embedded Systems:** Industrial PCs where space is limited but heat generation is high. * **Power Electronics:** Dissipating heat from MOSFETs or Power Modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the airflow requirements to achieve the optimal 2.12 °C/W thermal resistance?
    • ⤷ How does the T766 interface material compare to standard thermal paste?
    • ⤷ Is the pushPIN™ mounting compatible with standard PCB hole patterns?