ATS-10B-79-C2-R0
AI

The **ATS-10B-79-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series of high-performance heat sinks designed for telecommunications, networking, and high-speed electronics.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-10B-79-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Thermal Resistance** | 2.63 °C/W (at 200 LFM) |
| **Airflow Direction** | Horizontal / Open fin design |
---
### 2. Key Electronic & Physical Characteristics
#### A. Fin Geometry (maxiFLOW™)
The "79" in the part number refers to a specific fin pattern. The maxiFLOW design features a flared-fin geometry which:
* Reduces pressure drop across the heat sink.
* Increases the surface area to maximize heat dissipation into the surrounding air.
* Is optimized for environments where airflow may be irregular.
#### B. Thermal Interface Material (TIM)
The **C2** designation typically indicates that the heat sink comes pre-applied with a high-performance Thermal Interface Material (often a phase-change material or high-conductivity grease). This ensures a low-resistance thermal path between the electronic component (CPU, FPGA, or ASIC) and the aluminum base.
#### C. pushPIN™ Mounting System
The **10B** series utilizes the pushPIN™ attachment mechanism. Unlike simple adhesive tapes, this mechanical system:
* Provides consistent pressure (clamping force) to ensure optimal thermal contact.
* Includes a built-in spring to prevent over-tightening or damage to the PCB.
* Allows for easy installation and removal for maintenance.
---
### 3. Applications
This part is commonly used to cool high-heat-generating components such as:
1. **ASICs and FPGAs:** Used in network switches and routers.
2. **Processors:** Embedded CPUs in industrial computers.
3. **Power Electronics:** Voltage regulators and high-power transistors.
---
- ⤷
What are the differences between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can the pushPIN mounting be adjusted for different PCB thicknesses?