ATS-10B-06-C1-R0
AI

The **ATS-10B-06-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs on a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The part number provides specific details about its construction and thermal capabilities:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Heat Sink Type** | Push-Pin (Spring Loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 14.88°C/W (Unducted Flow) |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Design and Engineering Features
#### A. High-Performance Fin Geometry
The "10B" series features **Straight Fins** designed for high airflow environments. The spacing between the fins is optimized to minimize pressure drop while maximizing the surface area available for heat dissipation.
#### B. Attachment Mechanism
The **R0** suffix indicates a specific attachment kit:
* **Push-Pins:** These provide a secure mechanical connection to the PCB via pre-drilled holes.
* **Brass Springs:** Ensure consistent pressure (clamping force) between the heatsink base and the chip, which is critical for efficient heat transfer.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766 phase-change material** pre-applied to the base. When the electronic component heats up, this material softens and fills microscopic air gaps between the component and the heatsink, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This part is typically found in:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFET arrays or power modules.
---
### 4. Part Number Breakdown (Nomenclature)
`ATS-10B-06-C1-R0`
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **10B:** Series (Straight Fin design).
* **06:** Fin Pitch/Density designation.
* **C1:** Material/Finish (Blue Anodized Aluminum).
* **R0:** Attachment Kit version.
---
- ⤷
What are the PCB hole requirements for the push-pin installation?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is there a version of this heatsink with a different height for low-profile applications?