ATS-1042-C2-R0
AI

The **ATS-1042-C2-R0** is a high-performance thermal management solution, specifically a **push-pin heat sink** designed for cooling electronic components like BGA (Ball Grid Array) packages, CPUs, or GPUs on a PCB.
Below is a detailed breakdown of its specifications and electronic application.
---
### 1. Technical Specifications
This part belongs to the **maxiFLOW™** series by Advanced Thermal Solutions (ATS).
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body), Blue Anodized (Finish) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 40mm x 40mm (Footprint) |
| **Height** | 22.9mm |
| **Thermal Resistance** | 2.10 °C/W (at 200 LFM) |
| **Pressure Spring** | High performance (C2 series) |
---
### 2. Key Component Features
#### A. The Heat Sink Geometry (maxiFLOW™)
Unlike standard extruded heat sinks, this part uses a tapered fin design. This geometry increases the surface area while maintaining a low pressure drop, making it highly efficient for forced-air cooling environments (where fans are present).
#### B. Attachment Mechanism (Push-Pin)
* **Mechanical Stability:** Uses two push-pins that pass through pre-drilled holes in the PCB.
* **Compression:** A built-in spring ensures constant pressure between the heat sink and the electronic chip, which is critical for maximizing heat transfer through the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad. This eliminates the need for manual thermal paste application during assembly.
---
### 3. Application in Electronics
This part is typically used to cool high-heat-density integrated circuits:
1. **Telecommunications:** Cooling ASICs in switches and routers.
2. **Computing:** Chipset cooling on motherboards or embedded systems.
3. **Power Electronics:** Managing heat for large MOSFET arrays or power modules.
---
### 4. Thermal Performance Comparison
The performance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 2.10 |
| 400 | 1.30 |
| 600 | 0.90 |
---
- ⤷
What are the PCB hole diameter requirements for this push-pin model?
- ⤷ How does the 'C2' spring tension differ from other ATS spring series?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?