công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-1041-C3-R0

  • AI
    The **ATS-1041-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product line, which is designed to optimize airflow and heat dissipation in high-density electronic environments. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 41.00mm x 45.00mm | | **Height** | 24.50mm | | **Thermal Resistance** | 1.80 °C/W @ 200 LFM | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Pressure Requirement** | High-pressure, low-pressure drop design | --- ### 2. Key Electronic & Mechanical Components The ATS-1041-C3-R0 is not an active electronic circuit but a passive mechanical assembly consisting of three critical sub-parts: #### A. The Heat Sink (maxiFLOW™) The core component is the aluminum extrusion. It uses a **tapered fin design**, which increases the surface area while reducing the pressure drop. This allows air to move through the fins more efficiently compared to standard straight-fin heat sinks. #### B. The maxiGRIP™ Attachment This is a specialized mechanical assembly used to secure the sink to the PCB: * **Plastic Frame Clip:** A high-strength plastic frame that surrounds the electronic component (usually a BGA or FPGA). * **Stainless Steel Spring Clip:** A "steady-spring" that applies uniform pressure across the component to ensure optimal thermal contact without damaging the solder balls. #### C. Thermal Interface Material (TIM) The "R0" suffix typically indicates that the part comes pre-applied with a thermal pad or phase-change material. This fills the microscopic air gaps between the semiconductor chip and the aluminum base. --- ### 3. Typical Applications This part is commonly found in high-heat electronic systems where space is limited: * **Networking Hardware:** High-speed routers and switches. * **Processing Units:** Cooling FPGAs, ASICs, and GPUs. * **Telecommunications:** Base stations and data center server blades. --- ### 4. Mounting Example To integrate this into an electronic design, the process follows these steps: 1. **Placement:** Place the plastic frame over the chip. 2. **Contact:** Seat the heat sink (with TIM) onto the chip. 3. **Locking:** Use a specialized tool to snap the spring clip over the heat sink and into the frame.
    ✨ Follow-up Questions
    • ⤷What is the difference between the maxiGRIP and superGRIP attachment methods?
    • ⤷ Does this heat sink require a specific airflow direction?
    • ⤷ What are the alternative thermal resistance ratings at different LFM values?