ATS-09D-151-C2-R0
AI

The part number **ATS-09D-151-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series, specifically designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Dimensions** | 35.00mm x 35.00mm |
| **Height** | 20.00mm |
| **Attachment Method** | Push Pin (Brass) |
| **Thermal Resistance** | 3.93°C/W (at 200 LFM) |
| **Pressure Spring** | Stainless Steel |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature used by ATS to identify the product's features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **09**: Product Family/Series.
* **D**: Thermal Interface Material (TIM) type.
* **151**: Specific geometry/size code (35mm x 35mm).
* **C2**: Color and Finish (Blue Anodized).
* **R0**: Material/Compliance (RoHS compliant).
---
### 3. Key Electronic Functions
While a heat sink is a passive mechanical component, its role in an electronic system is critical for performance and longevity:
1. **Thermal Dissipation**: It increases the surface area of the heat-generating component, allowing air to carry away heat more efficiently via convection.
2. **Protection against Thermal Throttling**: By keeping the junction temperature of a semiconductor (like a processor) low, it prevents the chip from reducing its clock speed to protect itself from damage.
3. **Reliability**: Heat is the primary enemy of electronic lifespan. This part ensures the component stays within its "Safe Operating Area" (SOA).
---
### 4. Mounting & Material
* **Push Pin System**: It uses a standardized hole pattern (in this case, 28.50mm spacing) to snap into the PCB. This provides consistent pressure for the thermal interface material.
* **Blue Anodized Finish**: Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves heat radiation characteristics.
- ⤷
What are the compatible PCB hole patterns for this heat sink?
- ⤷ How does the thermal resistance change with different airflow (LFM) rates?
- ⤷ Is this heat sink compatible with standard BGA components?