ATS-09B-151-C2-R0
AI

The **ATS-09B-151-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 3.93°C/W (at 100 LFM) |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight Fin |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
The part uses a specialized attachment mechanism designed for PCB (Printed Circuit Board) mounting.
* **Ease of Assembly:** It eliminates the need for messy adhesives.
* **Constant Pressure:** The spring-loaded pins ensure a consistent contact pressure between the heat sink and the electronic component, which is critical for efficient heat transfer.
#### B. Thermal Performance (LFM)
The efficiency of this heat sink varies based on the Linear Feet per Minute (LFM) of airflow provided by system fans:
* **100 LFM:** 3.93°C/W
* **300 LFM:** 2.22°C/W
* **500 LFM:** 1.84°C/W
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves heat radiation characteristics.
---
### 3. Application Use Cases
This component is typically found in:
1. **Telecommunications Equipment:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical.
3. **Power Electronics:** Voltage regulators and power supplies.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if 3.93°C/W is sufficient for my specific processor?
- ⤷ Are there alternative mounting options if my PCB does not have holes for push-pins?