ATS-09B-101-C2-R0
AI

The **ATS-09B-101-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" series.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 30mm |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Electronic Application & Usage
This part is used to dissipate heat from integrated circuits (ICs) that generate significant thermal energy during operation.
* **Target Components:** High-power CPUs, GPUs, FPGAs, and power transistors.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied **Phase Change Material (T766)**, which fills microscopic air gaps between the chip and the heatsink to maximize heat transfer.
* **Attachment Logic:** The "pushPIN" system uses a spring-loaded mechanism that ensures a constant, specific pressure (load) on the electronic component, preventing damage while maintaining thermal contact.
---
### 3. Thermal Performance Analysis
The efficiency of the heatsink varies based on the airflow (velocity) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.69 |
| 200 (1.0 m/s) | 2.01 |
| 400 (2.0 m/s) | 1.15 |
| 600 (3.0 m/s) | 0.84 |
---
### 4. Part Number Breakdown
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **09**: Fin Pitch/Style code.
* **B**: Material/Base type.
* **101**: Physical size identifier.
* **C2**: Thermal Interface Material (T766) and finish code.
* **R0**: RoHS Compliant / Revision code.
- ⤷
What are the mounting hole requirements for the ATS-09B-101-C2-R0?
- ⤷ Can this heatsink be used in passive cooling environments?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in thermal performance?