ATS-08H-89-C2-R0
AI

The **ATS-08H-89-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Key Technical Specifications
The model number encodes specific physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | push-PIN™ |
| **Thermal Resistance** | 3.94°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 30.00mm |
| **Fin Type** | Straight Fin |
| **Flow** | High Flow / Directional |
---
## 2. Electronic Application Parts
To understand how this part functions within an electronic assembly, it is broken down into three main sections:
### A. The Heat Sink Body
The body is made of **6063-series aluminum**. Aluminum is chosen for its excellent thermal conductivity and light weight. The "Blue Anodized" finish isn't just for aesthetics; it provides a protective layer against corrosion and slightly improves radiant heat emission.
### B. The push-PIN™ Mounting System
Unlike adhesive tapes that can fail over time, the **ATS-08H-89-C2-R0** uses a mechanical push-PIN system:
* **Compression Springs:** These ensure constant pressure between the heat sink and the electronic component (IC), which is critical for maximizing thermal transfer.
* **Plastic/Brass Pins:** These lock into pre-drilled holes on the Printed Circuit Board (PCB).
### C. Thermal Interface Material (TIM)
Typically, these units come with **pre-applied phase-change material** or high-performance thermal grease on the base. This fills the microscopic air gaps between the heat sink and the silicon chip, significantly reducing thermal resistance.
---
## 3. Performance Metrics
Electronic designers select this part based on its performance across different airflow speeds (measured in Linear Feet per Minute - LFM):
* **@ 1.0 m/s (200 LFM):** 3.94°C/W
* **@ 2.0 m/s (400 LFM):** 1.84°C/W
* **@ 3.0 m/s (600 LFM):** 1.48°C/W
*Note: A lower °C/W value indicates better cooling efficiency.*
---
- ⤷What is the difference between push-PIN and thermal adhesive mounting?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W chip?
- ⤷ Are there copper versions of the ATS-89 series?