công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08H-84-C2-R0

  • AI
    The **ATS-08H-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 7.00°C/W (at 100 LFM) to 1.50°C/W (at 700 LFM) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Key Design Features * **Heat Sink Profile:** This part features a **Square** footprint with a height of 25mm, providing a large surface area for air-to-metal heat exchange. * **Push-Pin Attachment:** It utilizes a "push-pin" mounting system. This consists of a flexible pin and a spring that provides high pressure against the component, ensuring a consistent and reliable thermal contact without the need for adhesive tapes. * **Material Selection:** Made from high-grade aluminum, which offers a balance between lightweight properties and high thermal conductivity. * **Blue Anodized Coating:** The surface is treated with a blue anodized finish, which not only provides corrosion resistance but also slightly improves heat radiation. --- ### 3. Application Use Cases This specific heat sink is typically found in the following electronic environments: 1. **Telecommunications:** Cooling of high-speed network processors. 2. **Embedded Computing:** Protecting industrial PC components from heat soak. 3. **Power Electronics:** Managing heat for Voltage Regulators or MOSFETs. 4. **Consumer Electronics:** Supporting high-performance chips in gaming consoles or media servers. --- ### 4. Part Number Breakdown (Nomenclature) `ATS - 08 H - 84 - C2 - R0` * **ATS:** Manufacturer (Advanced Thermal Solutions). * **08:** Design series. * **H:** High-performance fin geometry. * **84:** Specific fin pattern/density code. * **C2:** Material/Color code (Aluminum, Blue Anodized). * **R0:** Revision/Packaging indicator. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this part at different airflows?
    • ⤷ Does this heat sink come with pre-applied thermal paste?
    • ⤷ What is the specific hole pattern required on the PCB for the push-pins?