ATS-08H-72-C2-R0
AI

The **ATS-08H-72-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series and is designed for efficient heat dissipation in compact electronic systems.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 12.7mm |
| **Fin Style** | Straight (Cross-Cut) |
| **Thermal Resistance** | 5.11°C/W (@ 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
---
### 2. Design and Engineering Features
* **Heat Sink Material:** Made of aluminum, which provides a balance between high thermal conductivity and low weight. The **Blue Anodized** finish increases surface emissivity and provides corrosion resistance.
* **Thermal Performance:** The thermal resistance is rated at **5.11°C/W** under natural convection (100 LFM). As airflow increases (e.g., to 700 LFM), the resistance drops significantly to approximately **1.45°C/W**, making it highly effective for forced-air cooling.
* **Attachment Mechanism:** It uses the **pushPIN™** system, which consists of:
1. **Springs:** Provides consistent pressure to ensure optimal contact with the heat source.
2. **Plastic Pins:** Quickly snaps into pre-drilled holes in the PCB.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** phase-change material, which fills microscopic air gaps between the component (CPU/FPGA) and the heat sink.
---
### 3. Application Use Cases
This component is generally used to cool Integrated Circuits (ICs) that generate moderate heat in space-constrained environments:
* **Networking Hardware:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and power modules.
* **Telecommunications:** Base station hardware and optical modules.
---
### 4. Part Number Breakdown
```text
ATS - 08 H - 72 - C2 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Finish Code (C2: Blue Anodized)
| | +------------ Series Number (Height/Dimension set)
| +------------------- Fin Type/Attachment (H: pushPIN™)
+------------------------ Manufacturer (Advanced Thermal Solutions)
```
- ⤷
How do I calculate the correct hole diameter on the PCB for the pushPIN attachment?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ Is there a specific torque requirement for the spring-loaded pins during installation?