công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08H-63-C2-R0

  • AI
    The **ATS-08H-63-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **push-pin** attachment series designed for cooling electronic components such as CPUs, GPUs, and other high-heat-generating integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 40mm x 40mm x 20mm | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Spring Type** | Compression Spring | | **Thermal Resistance** | ~12.32 °C/W (at 100 LFM) | | **Fin Style** | XCUT (Cross-cut) | --- ### 2. Key Electronic & Mechanical Features #### A. XCUT Fin Design Unlike standard straight-fin heat sinks, the XCUT design features cross-cuts. This allows for **multi-directional airflow**, meaning the heat sink remains effective regardless of which direction the cooling fan or chassis air is moving. #### B. Push-Pin Attachment System The "08H" designation indicates a specific push-pin and spring combination. * **Ease of Assembly:** It allows for quick installation on a Printed Circuit Board (PCB) without the need for specialized tools. * **Constant Pressure:** The compression spring ensures a consistent load is applied between the heat sink and the electronic chip, optimizing the performance of the **Thermal Interface Material (TIM)**. #### C. Material & Coating * **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio. * **Blue Anodizing:** This isn't just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves radiative heat transfer. --- ### 3. Application Use Cases This component is typically found in the following electronic environments: 1. **Telecommunications:** Cooling of high-speed network switches and routers. 2. **Embedded Systems:** Industrial PCs where space is limited but thermal management is critical. 3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole patterns for the ATS push-pin series?
    • ⤷ How does the thermal resistance of this model change as airflow (LFM) increases?
    • ⤷ Which Thermal Interface Materials (TIM) are recommended for use with this heat sink?