công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08G-67-C2-R0

  • AI
    The **ATS-08G-67-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs) like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 45mm x 45mm | | **Height** | 12.7mm (Low Profile) | | **Thermal Resistance** | 12.03 °C/W (@ 100 LFM) | | **Flow Pattern** | Square Fin (Omnidirectional) | --- ### 2. Key Electronic Components While the heatsink itself is passive, its design integrates several mechanical-electronic interfacing features: #### A. The Fin Design (Square Pattern) The **Square Fin** pattern is "omnidirectional." In electronic enclosures where airflow direction may vary or be turbulent, this pattern ensures that heat is dissipated effectively regardless of which way the internal fans are blowing. #### B. The pushPIN™ Attachment System This part utilizes a specialized mounting mechanism: * **Compression Springs:** Provides precise "force-to-board" pressure to ensure maximum contact between the heatsink base and the electronic chip. * **Plastic/Brass Push Pins:** Designed to snap into pre-drilled holes (usually 3.0mm or 3.175mm) on the Printed Circuit Board (PCB). #### C. Thermal Interface Material (TIM) The "R0" suffix typically indicates that the part comes with a **pre-applied Thermal Interface Material**. This is a phase-change or grease-like layer on the bottom surface that fills microscopic air gaps between the heatsink and the silicon die to improve heat transfer. --- ### 3. Application Use Cases The ATS-08G-67-C2-R0 is commonly used in the following electronic environments: 1. **Telecommunications:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs where vertical space is limited (due to the 12.7mm height). 3. **Power Electronics:** Cooling MOSFETs or power conversion modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole pitch required on the PCB for this heatsink?
    • ⤷ Can this heatsink be used with a custom Thermal Interface Material instead of the pre-applied one?
    • ⤷ What are the advantages of blue anodized finishes in electronic cooling?