ATS-08G-159-C1-R0
AI

The **ATS-08G-159-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series, designed specifically for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.07°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Style** | XCUT (Cross-cut) |
| **Pressure Spring** | Brass / Stainless Steel |
---
### 2. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its electronic role is critical for the stability of the PCB assembly:
* **Thermal Dissipation:** It increases the surface area of a semiconductor package, allowing air to carry away heat generated by high-speed switching transistors.
* **XCUT Fin Design:** The "XCUT" pattern allows for multi-directional airflow. This is vital in dense electronic enclosures where the fan direction might not be perfectly aligned with the heat sink.
* **Integrated Interface:** It typically comes with a pre-applied **Thermal Interface Material (TIM)**, ensuring there are no microscopic air gaps between the chip and the aluminum, which would otherwise act as an insulator.
---
### 3. Mechanical & Installation Features
The "C1-R0" suffix denotes specific hardware configurations:
1. **Push-Pin Mounting:** Unlike adhesive tapes, the push-pin mechanism provides a consistent downward force (pressure), ensuring optimal contact with the electronic component throughout thermal expansion cycles.
2. **Spring Tension:** The assembly uses a calibrated spring to prevent cracking the delicate silicon die while maintaining enough pressure to minimize thermal resistance.
3. **Standard Footprint:** The 45mm x 45mm size is a standard for many BGA (Ball Grid Array) components used in networking and industrial computing.
- ⤷
How do you calculate the required airflow (LFM) for this heat sink?
- ⤷ What are the advantages of blue anodizing over natural aluminum finishes?
- ⤷ Does the ATS-08G-159-C1-R0 support custom spring tensions?