ATS-08F-91-C3-R0
AI

The **ATS-08F-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The model number provides specific details about its physical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.00°C/W (Unducted Flow @ 100 LFM) |
---
### 2. Breakdown of the Component Parts
The assembly consists of four primary electronic/mechanical sub-parts:
#### A. The Heat Sink Body
* **Material:** High-grade aluminum which offers high thermal conductivity.
* **Design:** Features a "Straight-Fin" pattern to maximize surface area for air contact.
* **Base:** A flat, polished base ensures maximum contact with the electronic chip's surface.
#### B. The pushPIN™ Fasteners
* Instead of using thermal adhesive (which can fail over time), this part uses specialized plastic or metal pins.
* These pins go through pre-drilled holes in the PCB (Printed Circuit Board) to provide a secure mechanical connection.
#### C. Compression Springs
* Each push-pin is equipped with a calibrated spring.
* This ensures **constant pressure** is applied to the chip, preventing the heat sink from shifting and maintaining optimal heat transfer.
#### D. Thermal Interface Material (TIM)
* The "C3" in the part number indicates it comes with a **pre-applied thermal interface** (usually a phase-change material or high-quality grease).
* This fills microscopic gaps between the chip and the heat sink.
---
### 3. Application Use Cases
This specific part is used in environments where vertical space is limited but high cooling efficiency is required:
* **Low-profile Servers:** The 10mm height is ideal for 1U rack-mount hardware.
* **Networking Equipment:** Routers and switches with high-speed processors.
* **Embedded Systems:** Industrial PCs where vibration resistance (provided by the push-pins) is necessary.
---
### 4. Thermal Performance Comparison
*Values represent thermal resistance (°C/W); lower is better.*
| Air Velocity (LFM) | 100 | 200 | 300 | 400 |
| :--- | :--- | :--- | :--- | :--- |
| **Unducted Flow** | 22.00 | 10.20 | 5.90 | 4.10 |
| **Ducted Flow** | 3.90 | 2.50 | 2.10 | 1.80 |
- ⤷
What is the difference between ducted and unducted flow for this heat sink?
- ⤷ How do I determine the correct PCB hole size for the pushPIN attachment?
- ⤷ Can the pre-applied thermal material be replaced with aftermarket thermal paste?