ATS-08F-83-C2-R0
AI

The **ATS-08F-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 1.62°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Fin Type** | Fine Pitch (Cross-Cut) |
---
### 2. Key Design Features
* **Cross-Cut Fin Design:** The "83" series typically utilizes a cross-cut pattern. This allows for multi-directional airflow, making it more efficient in systems where the air might not flow in a perfectly straight line.
* **pushPIN™ Attachment:** This system simplifies the mounting process. It uses a flexible spring-loaded mechanism that provides consistent pressure across the thermal interface material (TIM) for optimal heat transfer.
* **Pre-applied TIM:** These units often come with a pre-applied high-performance thermal interface material (like a thermal pad or paste) on the base to reduce installation time.
* **Material Efficiency:** The use of aluminum provides a lightweight solution with high thermal conductivity, while the blue anodization protects against corrosion and slightly increases emissivity.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "High-Flow" or "Fine Pitch" solution, typically used in:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial PCs where space is limited but heat density is high.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Thermal Performance Comparison
Thermal resistance (measured in °C/W) indicates how much the component temperature will rise above the ambient air per watt of power dissipated.
```text
Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W)
---------------------------------------------------------
200 | 1.0 | 1.62
400 | 2.0 | 1.05
600 | 3.0 | 0.82
```
- ⤷
What are the mechanical requirements for the PCB hole pattern to mount this heat sink?
- ⤷ How does the 'C2' designation in the part number specifically relate to the thermal interface material?
- ⤷ What are the advantages of using push-pins over thermal adhesive for this specific model?