công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08F-68-C2-R0

  • AI
    The **ATS-08F-68-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 15.31°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W)** | 45.00mm x 45.00mm | | **Height** | 15.00mm | --- ## 2. Component Design & Anatomy ### A. Fin Profile (Cross-Cut) The "68" in the part number indicates a specific fin pattern. This model features **Straight Fins** that are cross-cut into rectangular blocks. This design: * Increases surface area. * Allows for multi-directional airflow (versatile for different fan orientations). * Reduces the pressure drop across the heat sink. ### B. Attachment Mechanism (Push-Pin) Instead of adhesive tapes, this part uses a **spring-loaded push-pin** system. * **Benefits:** Provides consistent "TIM" (Thermal Interface Material) pressure, ensuring better heat transfer. * **Stability:** It is more secure than tape in high-vibration environments. ### C. Material and Coating * **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly improves "emissivity," which helps with radiant heat transfer. --- ## 3. Thermal Performance Analysis The effectiveness of this part depends heavily on the **Air Velocity** (measured in Linear Feet per Minute - LFM): | Air Velocity | Thermal Resistance (°C/W) | | :--- | :--- | | **100 LFM** | 15.31 | | **300 LFM** | 5.07 | | **500 LFM** | 3.52 | | **700 LFM** | 2.84 | *Note: Lower °C/W values indicate better cooling efficiency.* --- ## 4. Typical Applications * **Embedded Systems:** Industrial PCs and controllers. * **Networking:** Routers, switches, and high-speed modems. * **Power Electronics:** Cooling MOSFETs or power regulators.
    ✨ Follow-up Questions
    • ⤷ What are the specific hole patterns required on a PCB to mount this heat sink?
    • ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
    • ⤷ What is the recommended Thermal Interface Material (TIM) for use with the ATS-08F series?