AI

The **ATS-08F-59-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their high-performance "Blue" line, designed for cooling dense electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-08F-59-C2-R0 |
| **Heat Sink Type** | Push-Pin (Passive Heat Sink) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.94°C/W (@ 100 LFM) |
| **Dimensions** | 35mm x 35mm x 30mm |
| **Weight** | ~45 Grams |
---
### 2. Physical Design & Features
The part number follows a specific nomenclature that defines its electronic cooling capabilities:
* **Geometry:** It features a **Straight-Fin** design. This allows for optimal airflow in a single direction, typically used in servers or systems with dedicated fans.
* **Attachment (Push-Pin):** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism. This ensures constant **Interface Pressure**, which is critical for maximizing thermal transfer from the chip to the aluminum.
* **Thermal Interface Material (TIM):** The "R0" designation typically implies the inclusion of a pre-applied high-performance thermal interface material (like a phase-change pad or thermal grease), reducing assembly time and ensuring reliability.
---
### 3. Thermal Performance (Efficiency)
In electronics, thermal resistance ($R_{th}$) determines how much the temperature of the component rises per watt of power dissipated.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.94 |
| 200 (1.0 m/s) | 3.62 |
| 400 (2.0 m/s) | 2.13 |
| 600 (3.0 m/s) | 1.61 |
---
### 4. Implementation Code (Thermal Calculation Example)
If you are designing a system and need to calculate the junction temperature ($T_j$) using this heat sink, you can use the following logic:
```python
def calculate_junction_temp(ambient_temp, power_watts, thermal_resistance):
"""
Tj = Ta + (P * Rth)
"""
junction_temp = ambient_temp + (power_watts * thermal_resistance)
return junction_temp
# Example: 10W Chip, 25°C Ambient, 200 LFM Airflow (3.62 °C/W)
t_j = calculate_junction_temp(25, 10, 3.62)
print(f"Expected Junction Temperature: {t_j}°C")
```
- ⤷
What are the mounting hole dimensions required for the ATS-08F-59-C2-R0?
- ⤷ How does the blue anodized finish affect the thermal radiation properties?
- ⤷ Does this heat sink come with plastic or brass push-pins?