ATS-08F-52-C3-R0
AI

The **ATS-08F-52-C3-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for electronic devices that require efficient thermal management.
---
### 1. Component Overview
The ATS-08F-52-C3-R0 belongs to the **blueICE™** series. It features a high-performance cross-cut fin design which increases surface area and improves heat dissipation in forced-air environments.
### 2. Technical Specifications
The following table summarizes the key physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Shape** | Square, Cross-Cut Fins |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 15mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~7.30 °C/W (at 200 LFM) |
| **Spring Type** | Compression Spring |
---
### 3. Key Electronic Functions
* **Heat Dissipation:** Its primary role is to conduct heat away from semiconductors (like CPUs, FPGAs, or MOSFETs) to prevent thermal throttling or component failure.
* **Thermal Interface:** Usually paired with a Thermal Interface Material (TIM) like thermal grease or a pad to fill microscopic air gaps between the component and the heat sink.
* **Airflow Optimization:** The cross-cut pattern allows for air to flow through the fins from multiple directions, making it versatile for different PCB layouts.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying specific variations:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **08:** Series/Family.
* **F:** Fin configuration (Fine pitch/Cross-cut).
* **52:** Dimensional code.
* **C3:** Color/Material code (Blue Anodized).
* **R0:** Revision or Packaging code.
---
- ⤷
What are the compatible PCB hole sizes for the push-pin attachment?
- ⤷ Can this heat sink be used with a 50mm fan?
- ⤷ What is the recommended Thermal Interface Material for this part?