ATS-08F-40-C3-R0
AI

The **ATS-08F-40-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 14.71°C/W (Unducted @ 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Length (L)** | 45.00 mm |
| **Width (W)** | 45.00 mm |
| **Height (H)** | 25.00 mm |
| **Hole Pattern** | Square (38.00 mm pitch) |
---
### 2. Design Breakdown
#### **A. Fin Configuration**
The "XC" or Cross-Cut design features a **Fine Pitch** fin pattern. This increases the surface area available for heat dissipation while allowing for multi-directional airflow, making it ideal for compact electronic enclosures where airflow might not be perfectly linear.
#### **B. Attachment Mechanism (pushPIN™)**
Instead of using adhesive tapes which can degrade over time, this part uses a mechanical push-pin system.
* **Spring-loaded:** Ensures constant and even pressure (Contact Pressure) on the electronic component.
* **Reliability:** Resistant to shock and vibration, common in industrial or automotive applications.
#### **C. Interface Material**
The part typically comes with **T412** thermal interface material (TIM) pre-applied. This fills the microscopic air gaps between the heat sink base and the electronic chip, significantly lowering thermal resistance.
---
### 3. Part Number Decoder
Understanding the alphanumeric code reveals the specific configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **08** | Fin Design / Series identifier |
| **F** | Fine pitch fin pattern |
| **40** | Length/Width dimension (approx. size category) |
| **C3** | Specific thermal performance/material grade |
| **R0** | RoHS compliant / Revision code |
---
### 4. Typical Applications
* **Networking Hardware:** Switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Power supplies and motor drivers.
- ⤷
How does 'Ducted' vs 'Unducted' thermal resistance affect cooling performance?
- ⤷ What are the advantages of blue anodized finishes on heat sinks?
- ⤷ Can pushPIN™ heat sinks be reused after being removed?