ATS-08F-26-C2-R0
AI

The **ATS-08F-26-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for securing cooling solutions to PCBs.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 14.20°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 10mm |
| **Pressure Spring** | Stainless Steel (Model: ATS-PPS-08) |
---
### 2. Design and Component Parts
The part is engineered to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
* **Heat Sink Body:** Features a "Fine Pitch" design. The fins are optimized for high airflow environments to maximize surface area while maintaining a low profile (10mm height).
* **Push-Pin Mechanism:** Uses a brass pin with a stainless steel spring. This provides a precise "engagement force" which ensures the heat sink stays in contact with the chip without damaging the PCB.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. T766 is a high-performance thermal phase-change material that fills microscopic air gaps between the component and the heat sink.
---
### 3. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (Unducted) |
| :--- | :--- | :--- |
| 100 | 0.5 | 14.20 °C/W |
| 300 | 1.5 | 3.65 °C/W |
| 500 | 2.5 | 2.10 °C/W |
---
### 4. Part Number Breakdown
The nomenclature `ATS-08F-26-C2-R0` can be decoded as follows:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **08**: Unique series identifier.
* **F**: Fin pitch/type (Fine).
* **26**: Dimensional code.
* **C2**: Color/Finish code (Blue Anodized).
* **R0**: Revision or packaging code.
---
- ⤷What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I calculate the required push-pin hole size on my PCB for this model?
- ⤷ Are there alternative Thermal Interface Materials available for this heat sink?