ATS-08F-186-C2-R0
AI

The **ATS-08F-186-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 2.80°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Fine-Pitch (Cross-Cut) |
| **Finish** | Blue Anodized |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal properties:
* **ATS-08**: Refers to the specific series/category within the ATS catalog.
* **F**: Likely indicates the fin density or specific extrusion type (Fine pitch).
* **186**: Internal design code for the specific thermal profile.
* **C2**: Indicates the Thermal Interface Material (TIM) pre-applied (usually **T766** high-performance grease).
* **R0**: Refers to the RoHS compliance status and revision level.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (no moving parts), its role in an electronic circuit is critical:
1. **Thermal Dissipation:** It increases the surface area of the component it is mounted on, allowing air to carry away heat more efficiently.
2. **Cross-Cut Design:** The "Fine-Pitch" cross-cut pattern allows for multi-directional airflow, making it effective even if the cooling fan isn't perfectly aligned.
3. **Push-Pin Attachment:** The use of push-pins provides a consistent pressure (compression force) against the electronic chip, which is vital for the Thermal Interface Material to work correctly.
---
### 4. Application Examples
This specific heat sink is typically found in:
* **Telecommunications:** Cooling high-speed networking chips.
* **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
* **Power Electronics:** Cooling voltage regulators or high-power MOSFETs.
- ⤷
What is the importance of the T766 Thermal Interface Material mentioned in the C2 code?
- ⤷ How do I calculate if the 2.80°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the advantages of push-pin mounting versus adhesive tape?