ATS-08F-185-C2-R0
AI

The **ATS-08F-185-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for efficient cooling of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 30mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 3.35°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the component's features:
- **ATS**: Manufacturer (Advanced Thermal Solutions).
- **08**: Series designation.
- **F**: Fin pitch/density (Fine).
- **185**: Specific model dimensions.
- **C2**: Thermal interface material and finish code (Blue Anodized).
- **R0**: Revision or RoHS compliance status.
---
### 3. Key Features & Benefits
* **High Aspect Ratio Fins:** The straight fin design provides a large surface area for heat dissipation while maintaining low pressure drop.
* **Push-Pin Attachment:** Features a flexible, tool-less mounting system. The plastic push-pins are designed to fit into specific PCB holes (usually 3.0mm), ensuring consistent pressure for optimal thermal contact.
* **Pre-applied TIM:** It comes with a T766 thermal phase-change material already applied to the base, reducing assembly time and ensuring a reliable thermal bridge.
* **Weight Efficiency:** Made of aluminum, it offers a balance between thermal conductivity and keeping the weight low on the PCB.
---
### 4. Application Areas
This specific heat sink is typically used in the following electronics:
1. **Telecommunications:** Cooling of high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling of large MOSFETs or integrated power modules.
- ⤷
What are the PCB hole size requirements for the push-pin mounting of this heat sink?
- ⤷ How does the thermal resistance of this model change at different airflow speeds (LFM)?
- ⤷ Are there alternative mounting options for this specific heat sink model?