ATS-08F-181-C2-R0
AI

The **ATS-08F-181-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 11.95°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 40.00mm x 40.00mm |
| **Height** | 10.00mm |
| **Fin Pitch** | Fine Pitch |
| **Fin Pattern** | XCUT |
---
### Component Breakdown
#### 1. The Fin Design (XCUT)
The "XCUT" geometry refers to the way the aluminum fins are arranged. This pattern is designed to provide a high surface area while allowing for multi-directional airflow. This is crucial in dense electronic enclosures where air might not flow in a single linear path.
#### 2. Thermal Interface Material (TIM)
The **C2** in the part number indicates that the heat sink comes pre-applied with **T766** thermal phase change material. This ensures optimal heat transfer between the electronic component (heat source) and the aluminum base of the heat sink.
#### 3. Attachment System (pushPIN™)
Instead of using messy adhesives or permanent thermal epoxy, this part uses a mechanical push-pin system with a brass or plastic pin and a high-tension spring.
* **Benefits:** Provides consistent pressure for better thermal contact and allows for easy removal/rework.
#### 4. Material and Coating
* **Aluminum:** Lightweight with excellent thermal conductivity.
* **Blue Anodized:** The coating isn't just aesthetic; it protects the aluminum from corrosion and slightly improves "emissivity," which helps in heat radiation.
---
### Typical Applications
* **Embedded Systems:** Cooling processors on motherboards.
* **Telecommunications:** Cooling ASICs in networking switches.
* **Power Supplies:** Dissipating heat from voltage regulators.
- ⤷
How do I calculate if the 11.95°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What is the difference between 'Ducted' and 'Unducted' thermal resistance flow?
- ⤷ Can the push-pin size be customized for different PCB hole diameters?