công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08F-180-C2-R0

  • AI
    The **ATS-08F-180-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It is part of their "push-pin" series designed for cooling surface-mount components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The part number encodes specific physical and material properties: | Feature | Specification | Details | | :--- | :--- | :--- | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Finish** | Blue Anodized | Increases surface emissivity and provides corrosion resistance | | **Attachment** | Push-Pin (Brass) | Secure mechanical attachment to the PCB | | **Fin Style** | Fine-Pitch Straight | Optimized for high-velocity airflow (forced convection) | | **Dimensions** | 35mm x 35mm x 25mm | Standard footprint for mid-sized ICs | | **Thermal Resistance** | ~3.32 °C/W | Based on 200 LFM (Linear Feet per Minute) airflow | --- ### 2. Functional Components This part is not a single piece of metal; it is an assembly of three distinct electronic hardware components: #### A. The Heat Sink Body The body utilizes a **straight-fin design**. In electronic cooling, straight fins are preferred when there is a dedicated fan or a directed air shroud, as they offer lower pressure drops and higher efficiency compared to cross-cut or pin-fin designs in high-flow environments. #### B. The Push-Pin Mechanism Unlike adhesive-based heat sinks, the `-R0` series uses brass push-pins with internal springs. * **Purpose:** Provides a consistent "clamping force" (pressure) on the chip. * **Benefit:** Improves the effectiveness of the Thermal Interface Material (TIM) and ensures the heat sink doesn't fall off due to vibration or thermal expansion. #### C. Thermal Interface Material (TIM) Typically, these units come pre-applied with a **Phase Change Material (PCM)** or high-performance thermal pad on the base. This fills the microscopic air gaps between the electronic component and the aluminum base to maximize heat transfer. --- ### 3. Application Use Cases The ATS-08F-180-C2-R0 is commonly found in the following electronic environments: 1. **Telecommunications:** Cooling high-speed switching silicon. 2. **Embedded Systems:** Industrial PCs where mechanical reliability (push-pins) is required over simple tape. 3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this straight-fin design and a pin-fin heat sink?
    • ⤷ How do I calculate if the 3.32 °C/W thermal resistance is sufficient for my chip?
    • ⤷ Are there specific PCB hole requirements for the brass push-pin attachment?