ATS-08F-153-C2-R0
AI

The **ATS-08F-153-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## Technical Specifications
The following table outlines the key physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (LFM 100)** | 4.05 °C/W |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
---
## Core Electronic Components
### 1. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-quality thermal phase-change material. This fills microscopic air gaps between the heat sink and the electronic component, ensuring maximum heat transfer efficiency.
### 2. Push-Pin Mounting System
Instead of using adhesive tape (which can fail under high heat) or screws (which can over-tighten), this part uses a **brass push-pin with a stainless steel spring**.
* **Uniform Pressure:** Ensures consistent contact across the entire die surface.
* **Durability:** The spring mechanism compensates for thermal expansion and vibration.
### 3. Cross-Cut Fin Design
The fin geometry is designed for **forced air convection**. The "fine pitch" cross-cut pattern allows air to flow from multiple directions, making it ideal for densely packed PCBs where airflow direction might be turbulent or inconsistent.
---
## Use Cases in Electronics
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
* **Embedded Systems:** Dissipating heat from ARM-based processors.
* **Telecommunications:** Cooling ASICs in networking switches and routers.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if the 4.05 °C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the hole diameter requirements for the push-pin installation?