ATS-08F-141-C2-R0
AI

The **ATS-08F-141-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 15.71°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Spring Type** | ATS-PPS-08 |
---
### 2. Design Characteristics
This part belongs to the **pushPIN™** line, which is characterized by several engineering features:
* **Fine Pitch Fins:** The "straight fin" design provides a high surface area to volume ratio, making it efficient for forced-air cooling environments.
* **Integrated Spring:** The use of a compression spring ensures a consistent, high-pressure contact between the heat sink base and the electronic component, improving thermal transfer.
* **Lightweight:** Made from aluminum, it provides a balance between thermal conductivity and weight, reducing mechanical stress on the PCB.
* **Pre-applied TIM:** These parts often come with a pre-applied Thermal Interface Material (TIM) on the base to simplify the assembly process.
---
### 3. Part Number Decoding
The part number `ATS-08F-141-C2-R0` can be broken down to understand its configuration:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **08** | Specific series/pin configuration |
| **F** | Fine pitch fin density |
| **141** | Dimensional code for the footprint/height |
| **C2** | Thermal Interface Material (TIM) and finish code |
| **R0** | RoHS compliance and revision status |
---
### 4. Application Use Cases
This heat sink is typically found in:
1. **Telecommunications:** Cooling small chips on network switches or routers.
2. **Embedded Systems:** Industrial PCs and IoT gateways.
3. **Power Electronics:** Voltage regulators and power converters.
---
- ⤷
What are the alternative attachment methods for heat sinks if push-pins cannot be used?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?