ATS-08F-134-C2-R0
AI

The **ATS-08F-134-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Shape** | Square, Fine Pitch (Cross-Cut) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 70mm x 70mm x 15mm |
| **Thermal Resistance** | 4.44°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Cross-Cut Fin Design
The heat sink features a **cross-cut** (grid) fin pattern. This design allows for multi-directional airflow, making it highly effective in systems where air direction might be turbulent or non-linear. The high fin density increases the surface area for heat dissipation.
#### B. Push-Pin Mounting Mechanism
Unlike adhesive-based heat sinks, this model uses a **push-pin and spring** assembly.
- **Reliability:** Provides consistent pressure on the component, improving thermal transfer.
- **Serviceability:** Can be removed and reinstalled more easily than thermal epoxy.
- **Hole Pattern:** Requires pre-drilled holes in the PCB for secure mounting.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This is a high-performance thermal grease/pad that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic environments:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial Computing:** Embedded boards that require passive or active cooling.
3. **Power Electronics:** Cooling MOSFET arrays or power modules.
---
### 4. Thermal Performance Data
Thermal resistance varies based on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.44 |
| **400 (2.0 m/s)** | 2.06 |
| **600 (3.0 m/s)** | 1.62 |
- ⤷
How do I calculate the correct hole diameter for the push-pin mounting?
- ⤷ What are the alternatives to the T766 thermal interface material for this model?
- ⤷ Can this heat sink be used with a cooling fan attached directly to the fins?