công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08F-122-C2-R0

  • AI
    The **ATS-08F-122-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is specifically designed for cooling electronic components like CPUs, GPUs, and FPGAs using high-efficiency cross-cut fins. --- ## 🛠️ Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-08F-122-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 50.00mm x 50.00mm x 15.00mm | | **Attachment Method** | pushPIN™ (Plastic or Brass) | | **Thermal Resistance** | 5.87°C/W (at 200 LFM) | | **Flow Orientation** | Vertical or Horizontal (Omnidirectional) | --- ## 🔍 Key Electronic Components & Features ### 1. Thermal Management Material The unit is made from **Aluminum 6063**, which is the industry standard for heat sinks due to its high thermal conductivity and lightweight properties. The **Blue Anodized** coating is not just aesthetic; it provides surface protection and slightly increases emissivity for better radiant heat transfer. ### 2. pushPIN™ Attachment System This specific model uses the ATS proprietary **pushPIN™** system. This is a critical mechanical interface for electronics because: * **Constant Pressure:** It uses a spring-loaded mechanism to ensure the heat sink remains in firm contact with the electronic chip. * **Safety:** It prevents over-tightening which could crack sensitive silicon dies. * **Reliability:** It is designed to pass shock and vibration testing for industrial and aerospace applications. ### 3. Cross-Cut Fin Design Unlike straight-fin heat sinks, the **ATS-08F-122-C2-R0** features a cross-cut pattern. This allows: * **Multi-directional Airflow:** It can receive cooling air from any direction, making it ideal for crowded PCBs where airflow might be turbulent or unpredictable. * **Increased Surface Area:** The gaps between the "pins" increase the total area available for heat dissipation to the surrounding air. ### 4. Thermal Interface Material (TIM) Typically, these parts come with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad on the base. This fills the microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance. --- ## 📉 Performance Under Airflow | Airflow Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 (1.0 m/s) | 5.87 | | 400 (2.0 m/s) | 3.10 | | 600 (3.0 m/s) | 2.20 | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between pushPIN and adhesive tape mounting for this part?
    • ⤷ How do I calculate the maximum power (Watts) this heat sink can handle?
    • ⤷ Are there specific PCB hole patterns required for the ATS-08F-122-C2-R0?