ATS-08F-07-C3-R0
AI

The **ATS-08F-07-C3-R0** is a specific part number for a **High-Performance Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and other high-heat-generating integrated circuits.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push Pin style |
| **Material** | Aluminum (Anodized Blue) |
| **Fin Style** | Straight Fin (Extruded) |
| **Thermal Resistance** | ~17.09 °C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Attachment Method** | Push Pin with Brass Springs |
| **Thermal Interface Material (TIM)** | T412 (Phase change/Thermal pad) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific logic used by ATS to identify the physical characteristics:
* **ATS-08**: Refers to the physical series/form factor.
* **F**: Refers to the fin pitch/density (Fine).
* **07**: Specific height and dimension code.
* **C3**: Indicates the color/finish and material (typically blue anodized aluminum).
* **R0**: Version or Revision indicator.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical component, it serves critical electronic purposes:
* **Thermal Dissipation:** It increases the surface area of the component (e.g., an FPGA or ASIC), allowing heat to transfer to the surrounding air via convection.
* **Thermal Protection:** By maintaining the junction temperature ($T_j$) of the silicon, it prevents thermal throttling and permanent hardware failure.
* **EMI Shielding (Partial):** Because it is an anodized aluminum plate grounded via the PCB mounting holes, it can occasionally assist in reducing electromagnetic interference, though this is not its primary function.
---
### 4. Mounting & Attachment
This part utilizes a **Push-Pin** mechanism. This is preferred in industrial electronics because:
1. **Uniform Pressure:** The springs ensure consistent contact between the chip and the heat sink.
2. **Vibration Resistance:** Unlike adhesive tapes, push pins are secure in high-vibration environments (e.g., aerospace or automotive).
3. **Pre-applied TIM:** The "T412" coating on the bottom eliminates the need for manual thermal paste application during assembly.
- ⤷
How do I calculate the thermal resistance needed for my specific chip?
- ⤷ What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ Are there alternative attachment methods if my PCB doesn't have mounting holes?