ATS-08F-05-C2-R0
AI

The **ATS-08F-05-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Product Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 5.84 °C/W @ 100 LFM (0.5 m/s) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Fin Style** | XC (Cross-Cut) |
---
### 2. Key Electronic Features
#### A. Thermal Resistance Efficiency
The device is engineered to dissipate heat from integrated circuits (ICs), CPUs, or GPUs. The "Cross-Cut" (XC) fin pattern allows for multidirectional airflow, meaning it remains effective even if the air is not hitting the heatsink perfectly straight.
#### B. pushPIN™ Mounting System
The part utilizes the proprietary **pushPIN™** system. This replaces traditional adhesive tapes with a mechanical fastener:
* **Compression Spring:** Ensures even pressure across the component surface for maximum heat transfer.
* **Plastic/Brass Pins:** Secure the heatsink directly to the PCB through pre-drilled holes.
#### C. Material Science
The **Blue Anodized** finish is not just aesthetic. Anodization increases the surface emissivity, which improves heat radiation and protects the aluminum from environmental corrosion.
---
### 3. Physical Dimensions (mm)
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 40.00 |
| **Width (B)** | 40.00 |
| **Height (C)** | 25.00 |
| **Pitch (E)** | 33.00 |
| **Pitch (F)** | 33.00 |
---
### 4. Application Use-Cases
* **Telecom Hardware:** High-speed routers and switches.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷
What is the difference between Blue Anodized and Gold Anodized heat sinks in this series?
- ⤷ How do I calculate the correct hole diameter for the pushPIN mounting?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?