AI

The **ATS-08F-02-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.* (ATS).
This part is designed for cooling electronic components such as CPUs, GPUs, FPGAs, or power modules that generate significant heat during operation.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 12.7mm |
| **Fin Style** | Push-Pin (Straight Fin) |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Thermal Resistance** | ~18.30°C/W (Unducted Flow @ 200 LFM) |
---
### 2. Key Features
* **XC Cut Design:** This heat sink belongs to the "maxiFLOW™" or similar high-efficiency series, featuring a high aspect ratio fin design that maximizes surface area for heat dissipation.
* **Push-Pin Attachment:** It uses a standardized push-pin mounting system. This provides a secure fit with a specific pressure (preload) to ensure optimal contact between the heat sink base and the electronic component.
* **Blue Anodization:** The surface treatment is not just aesthetic; anodizing increases the surface emissivity, improving heat radiation and protecting the aluminum from corrosion.
* **Pre-Applied Thermal Interface Material (TIM):** Most parts in this series come with a pre-applied thermal pad or phase-change material on the base to simplify assembly and ensure low contact resistance.
---
### 3. Application Use Cases
The ATS-08F-02-C2-R0 is typically used in environments where airflow is present (active cooling) to move heat away from sensitive electronics:
1. **Telecommunications:** Cooling chips in routers, switches, and base stations.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling high-speed transistors or voltage regulators.
---
### 4. Selection Criteria
When integrating this part into a circuit design, engineers consider the **Thermal Resistance ($\theta$)**.
* **Formula:** $\Delta T = P \times \theta$
* *Where $\Delta T$ is the temperature rise, $P$ is power dissipation in Watts, and $\theta$ is the thermal resistance.*
If your chip dissipates 5W and the thermal resistance is 18°C/W, the chip will run 90°C above the ambient temperature unless airflow is increased.
- ⤷What is the difference between push-pin and adhesive mounting for this heat sink?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Is there a copper version of the ATS-08F-02-C2-R0 for better conductivity?