ATS-08E-182-C2-R0
AI

The **ATS-08E-182-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series designed for thermal management of electronic components.
### 1. Technical Specifications
The part number encodes specific physical and material characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 15.00 mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.51 °C/W (at 100 LFM) |
| **Fin Pattern** | Fine-pitch (Straight) |
---
### 2. Electronic Application & Function
Heat sinks like the ATS-08E-182-C2-R0 are critical for maintaining the reliability of active electronic components.
* **Heat Dissipation:** It increases the surface area of a hot component (like a CPU, GPU, or MOSFET), allowing air to carry away heat more efficiently.
* **Protection:** By keeping junction temperatures within safe limits, it prevents **thermal throttling** (where a chip slows down to cool off) and permanent hardware failure.
* **Attachment:** The `C2` in the part number indicates a specific spring and pin combination that provides a consistent pressure (TIM - Thermal Interface Material optimization) against the chip for better heat transfer.
---
### 3. Part Number Breakdown
The nomenclature used by Advanced Thermal Solutions for this model follows this logic:
* **ATS-08E:** Series identification.
* **182:** Specific internal geometry/fin configuration.
* **C2:** Thermal Interface Material (TIM) and Spring type (typically T766 phase-change material).
* **R0:** Revision or packaging code.
---
### 4. Implementation Example
When integrating this into a PCB design, the mechanical engineer must ensure the hole pattern on the PCB matches the pushPIN™ spacing:
```markdown
Pitch Spacing: 33.00 mm x 33.00 mm
Hole Size: ~3.00 mm
Recommended TIM: T766 (Pre-applied)
```
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate the thermal resistance needed for a specific processor?
- ⤷ What are the alternatives to pushPIN attachment for heat sinks?