ATS-08D-95-C2-R0
AI

## Technical Overview of ATS-08D-95-C2-R0
The **ATS-08D-95-C2-R0** is a high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically a **heat sink** designed for cooling integrated circuits (ICs) and other electronic surface-mount devices.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Weight** | ~50 grams |
---
### 2. Physical Design & Composition
* **Fin Style:** This model typically utilizes a **fine-pitch straight fin** or **cross-cut** design. This increases the surface area available for heat dissipation while maintaining a compact footprint.
* **Material (Aluminum):** Provides an excellent balance between thermal conductivity and weight, ensuring it doesn't put excessive mechanical stress on the PCB.
* **Blue Anodized Coating:** The blue finish is not just aesthetic; anodization protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
### 3. Attachment Mechanism: pushPIN™
One of the defining "electronic parts" of this assembly is the mounting hardware. Instead of using messy thermal adhesives or tapes, it uses the **pushPIN™ system**:
1. **Compression Springs:** These provide precise, uniform pressure across the thermal interface material (TIM).
2. **Brass or Plastic Pins:** These snap into pre-drilled holes in the PCB, ensuring the heat sink stays securely attached even during vibration or shipping.
3. **Thermal Interface Material (TIM):** The base is usually pre-applied with a high-performance thermal pad or grease (often **T766**), which fills microscopic air gaps between the component and the heat sink.
---
### 4. Performance Context
The **ATS-08D-95-C2-R0** is engineered for "high-flow" environments. Its thermal resistance drops significantly as airflow (measured in Linear Feet per Minute - LFM) increases:
```text
Airflow (LFM) | Thermal Resistance (°C/W)
-----------------------------------------
100 | 7.29
200 | 2.48
300 | 1.67
400 | 1.31
```
---
### Summary of Use Cases
* **Processor Cooling:** Small CPUs or GPUs in embedded systems.
* **Power Electronics:** Cooling MOSFETs or high-speed voltage regulators.
* **Telecommunications:** Used in routers and switches where airflow is consistently managed.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ Can this heat sink be customized with a different thermal interface material?
- ⤷ How does the 'C2' designation in the part number affect the finish or material?