ATS-08D-86-C2-R0
AI

The **ATS-08D-86-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary electronic and physical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance (Flowing Air)** | 1.83°C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | 6.71°C/W |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Fin Style** | Straight (Square-cut) |
| **Spring Type** | Compression Spring |
---
### 2. Key Electronic Features
* **Push-Pin Mounting:** This part uses a specialized mechanical attachment system. It involves a plastic pin and a compression spring that passes through pre-drilled holes in a Printed Circuit Board (PCB). This ensures consistent pressure on the electronic component, which is critical for efficient heat transfer.
* **Thermal Interface Material (TIM):** The "R0" suffix usually indicates that the heat sink comes with a pre-applied high-performance thermal interface material (like T766). This fills the microscopic air gaps between the heat sink and the electronic chip to improve thermal conductivity.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization provides a layer of electrical insulation and improves radiant heat transfer.
---
### 3. Application Use Cases
This heat sink is typically found in the following electronic environments:
1. **Networking Hardware:** Routers, switches, and modems.
2. **Power Electronics:** Voltage regulators and high-current power supplies.
3. **Embedded Computing:** Industrial PC modules and single-board computers (SBCs).
---
### 4. Thermal Performance Data
Electronic engineers use the following air-flow data to calculate if this heat sink is sufficient for a specific chip's TDP (Thermal Design Power):
```text
Air Velocity (LFM) | Thermal Resistance (°C/W)
-------------------|--------------------------
200 | 1.83
300 | 1.55
400 | 1.38
500 | 1.26
600 | 1.17
```
- ⤷What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the required thermal resistance for my electronic component?
- ⤷ Does the blue anodized finish affect the electrical grounding of the PCB?