ATS-08D-82-C2-R0
AI

The **ATS-08D-82-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components, specifically those in BGA (Ball Grid Array) packages.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30mm x 30mm x 15mm |
| **Thermal Resistance** | 10.79°C/W (at 100 LFM) |
| **Attachment Method** | pushPIN™ |
| **Flow Direction** | Vertical-Fin (Cross-Cut) |
---
### 2. Key Electronic & Mechanical Design Features
#### A. Thermal Management Performance
This heat sink is designed for **forced air cooling**. The efficiency of heat dissipation varies based on the airflow (LFM - Linear Feet per Minute):
* **100 LFM:** 10.79°C/W
* **500 LFM:** 4.15°C/W
* The significant drop in thermal resistance at higher airflows makes it ideal for server or networking environments with active fan cooling.
#### B. The pushPIN™ Attachment System
The "82" in the part number refers to the specific attachment style. The **pushPIN™** system provides:
* **Constant Pressure:** A pre-assembled compression spring ensures firm contact between the heat sink and the electronic component (CPU, GPU, or FPGA).
* **Vibration Resistance:** Secure mounting that prevents the heat sink from shifting during transport or operation.
* **Plastic Push Pins:** These snap into 3mm diameter holes on the PCB.
#### C. Thermal Interface Material (TIM)
The **C2** designation indicates that this model typically comes with **T766** thermal phase change material or a similar high-performance grease pre-applied to the base. This ensures there are no air gaps between the chip surface and the aluminum base, maximizing heat transfer.
---
### 3. Common Applications
* **Integrated Circuits (ICs):** Cooling high-speed processors or chipsets.
* **Telecommunications:** Used on PCB boards within routers and switches.
* **Power Supplies:** Heat dissipation for power transistors or voltage regulators.
---
- ⤷
What are the alternative attachment methods for ATS heat sinks besides pushPIN?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the recommended hole pattern on a PCB for installing this specific model?